spec no: dsan2014 rev no: v.2b date: apr/22/2015 page: 1 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203013815 1.6x0.2mm right angle smd chip led lamp part number: apga1602cgc/ka green features z 1.6mmx0.2mm right angle smt led,0.2mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z moisture sensitivity level : level 3. z package :2000pcs / reel. z tinned pads for improved solderability. z rohs compliant. description the green source color devices are made with algainp on gaas substrate light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsan2014 rev no: v.2b date: apr/22/2015 page: 2 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203013815 selection guide absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1. 1 / 10 duty cycle, 0.1ms pulse width. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 apga1602cgc/ka green (algainp) water clear 12 30 160 (h) 145 (v) iv (mcd) [2] @ 20ma symbol parameter device typ. max. units test conditions peak peak wavelength green 573 nm i f =20ma d [1] dominant wavelength green 571 nm i f =20ma ? 1/2 spectral line half-width green 15 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage green 2.05 2.4 v i f =20ma i r reverse current green 10 ua v r =5v parameter green units power dissipation 48 mw dc forward current 20 ma peak forward current [1] 100 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +100c notes: 1. 1 / 2 is the angle from optical centerline where the lumi nous intensity is 1 / 2 of the optical peak value. 2. luminous intensity / luminous flux: + / -15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. notes: 1. wavelength: + / -1nm. 2. forward voltage: + / -0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradat ion or premature failure.
spec no: dsan2014 rev no: v.2b date: apr/22/2015 page: 3 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203013815 green apga1602cgc/ka
spec no: dsan2014 rev no: v.2b date: apr/22/2015 page: 4 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203013815 apga1602cgc/ka reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsan2014 rev no: v.2b date: apr/22/2015 page: 5 of 5 approved: wynec checked: allen liu drawn: q.m.chen erp: 1203013815 packing & label specifications apga1602cgc/ka terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
|